Part Number Hot Search : 
COMPONEN CDBA340 35100 MAX3323 COMPONEN 00M35 PM439 HTG12G0
Product Description
Full Text Search
 

To Download MIC-3680R-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC-3620 MIC-3680/3680R
8-port RS-232 Communication CPCI Card 2-port Isolated CAN Communication CPCI Cards
MIC-3620/3
MIC-3680R/3
MIC-3680/3
Features
PCI Specification 2.1 compliant Speeds up to 921.6 kbps 16C954 UARTs with 128-byte standard 8-port RS-232 Standard Industrial CompactPCI 3U Board size I/O address automatically assigned by PCI Plug & Play OS support: Windows 98/2000/XP, Linux 2.4 Interrupt status register for increased performance
Features
CompactPCI specification PICMG 2.0 R3.0 compatible Hot swap support Two individual CAN ports Supports CAN2.0 A/B High speed transmission up to 1 Mbps 16 MHz CAN controller frequency Optical isolation up to 2,500 VDC Microsoft Windows DLL library and examples included Supports Windows 98/ME/2000/XP drivers and utility Support Rear IO
Specifications
Communications
Communication Data Bits Data Signals IRQ PCI9030 + 16C954 Controller 5, 6, 7, 8 TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND All ports use the same IRQ assigned by PCI Plug & Play None, even, odd 50 ~ 921.6 k 1, 1.5, 2
Specifications
Communications
CAN Controller Frequency CAN Transceiver Communication Controller Ports Protocol Signal Support Speed (bps) 16 MHz 82C250 SJA-1000 2 CAN 2.0 A/B CAN_H, CAN_L, GND Up to 1 Mbps programmable transfer rate
Parity Speed (bps) Stop Bits
General
PICMG Compliance CompactPCI V2.0, R 3.0 Hot swap V2.1, R 2.0 Bus Type CompactPCI bus specification 2.1 compliant I/O Connectors SCSI 68-pin female Dimensions (L x H) 160 x 100 mm (6.3" x 3.9"), 3U Bracket Power Consumption +5 V, +3.3 V, +12 V Operating Temperature 0 ~ 70 C (refer to IEC68-2-1, 2) Storing Temperature -20 ~ 80 C Storing Humidity 5 ~ 95% Relative Humidity, non-condensing (IEC 68-2-1, 2)
Protection
Isolation Protection 2,500 VDC CompactPCI V2.0, R 3.0 Hot swap V2.1, R 2.0 CompactPCI 2 x DB9-M 160 x 100 mm (6.3" x 3.9") 5 V @ 400 mA (Typical) 0 ~ 65 C -25 ~ 85 C 5 ~ 95% RH, non-condensing
General
PICMG Compliance Bus Type I/O Connectors Dimensions Power Consumption Operating Temperature Storing Temperature Storing Humidity
Ordering Information
MIC-3620/3 3U CompactPCI 8-port RS-232 Card
Ordering Information
MIC-3680/3 MIC-3680R/3 3U CompactPCI 2-port Isolated CAN Communication Card 3U CompactPCI 2-port Isolated CAN Communication Card with Rear I/O Support
CompactPCI Systems


▲Up To Search▲   

 
Price & Availability of MIC-3680R-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X